| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F101XF Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101XF Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 117 page ![]() DocID16553 Rev 5 13/117 STM32F101xF, STM32F101xG Description Figure 2. Clock tree 1. When the HSI is used as a PLL clock input, the maximum system clock frequency that can be achieved is 36 MHz. 2. To have an ADC conversion time of 1 µs, APB2 must be at 14 MHz or 28 MHz. |