| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F042X4 Fiches technique(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042X4 Fiches technique(HTML) 94 Page - STMicroelectronics |
|
94 / 117 page ![]() Package information STM32F042x4 STM32F042x6 94/117 DocID025832 Rev 5 Figure 37. Recommended footprint for UFQFPN48 package 1. Dimensions are expressed in millimeters. Table 67. UFQFPN48 package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 D 6.900 7.000 7.100 0.2717 0.2756 0.2795 E 6.900 7.000 7.100 0.2717 0.2756 0.2795 D2 5.500 5.600 5.700 0.2165 0.2205 0.2244 E2 5.500 5.600 5.700 0.2165 0.2205 0.2244 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 |