Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F042X4 Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce STM32F042X4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042X4 Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button STM32F042X4 Datasheet HTML 89Page - STMicroelectronics STM32F042X4 Datasheet HTML 90Page - STMicroelectronics STM32F042X4 Datasheet HTML 91Page - STMicroelectronics STM32F042X4 Datasheet HTML 92Page - STMicroelectronics STM32F042X4 Datasheet HTML 93Page - STMicroelectronics STM32F042X4 Datasheet HTML 94Page - STMicroelectronics STM32F042X4 Datasheet HTML 95Page - STMicroelectronics STM32F042X4 Datasheet HTML 96Page - STMicroelectronics STM32F042X4 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 117 page
background image
DocID025832 Rev 5
93/117
STM32F042x4 STM32F042x6
Package information
113
7.2
UFQFPN48 package information
UFQFPN48 is a 48-lead, 7x7 mm, 0.5 mm pitch, ultra-thin fine-pitch quad flat package.
Figure 36. UFQFPN48 package outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this back-side pad to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More