Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8SPLNB1 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 43Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
DiSEqC™ protocol basics
STM8SPLNB1
42/44
DocID018831 Rev 5
Optional data bytes are data for given command. Data in answer (from slave) specify
required information. There is specified data byte format only for 3 required bytes from
slave:
Status byte (bus collision, reset status, standby status, supply voltage)
Configuration byte (more detailed information about current slave configuration)
Switches byte (describes status of the committed switches)
For more information about format of those 3 data bytes refer to DiSEqC™ slave
microcontroller specifications available at www.eutelsat.com (and Table 4: STM8SPLNB1
DiSEqC™ supported commands).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44