| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S007C8 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S007C8 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 92 page ![]() DocID022171 Rev 5 21/92 STM8S007C8 Pinouts and pin descriptions 25 5 Pinouts and pin descriptions Figure 3. LQFP 48-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 UART1_CK/(HS) PA6 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PG1 VSSIO_2 PC5 (HS)/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 P C2 (HS)/TIM1_CH2 PG0 PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI VDDIO_2 VSS VCAP VDD VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 UART1_RX/(HS) PA4 UART1_TX/(HS) PA5 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 |