| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151x8 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 146 page ![]() DocID17943 Rev 10 31/146 STM8L151x6/8 STM8L152x6/8 Pin description 62 44 36 - - PB5/SPI1_SCK/ LCD_SEG15(3)/ADC1_IN13 / [COMP1_INP] I/O FT(6) X XX HS X X Port B5 SPI1 clock / LCD segment 15 / ADC1_IN13/ [Comparator 1 positive input] -- 29 D1 PB5/SPI1_SCK/ LCD_SEG15(3)/ADC1_IN13 /DAC_OUT2/ [COMP1_INP] I/O FT(6) X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC channel 2 output/ [Comparator 1 positive input] 45 37 - - PB6/SPI1_MOSI/ LCD_SEG16(3)/ADC1_IN12 /[COMP1_INP] I/O FT(6) X XX HS X X Port B6 SPI1 master out/slave in/ LCD segment 16 / ADC1_IN12/ [Comparator 1 positive input] -- 30 F1 PB6/SPI1_MOSI/ LCD_SEG16(3)/ADC1_IN12 /DAC_OUT2/[COMP1_INP] I/O FT(6) X XX HS X X Port B6 SPI1 master out/ slave in / LCD segment 16 / ADC1_IN12 / DAC channel 2 output/[Comparator 1 positive input] 46 38 31 E1 PB7/SPI1_MISO/ LCD_SEG17(3)/ ADC1_IN11/[COMP1_INP] I/O FT(6) X XX HS X X Port B7 SPI1 master in- slave out/ LCD segment 17 / ADC1_IN11/[Comparato r 1 positive input] 65 53 37 B1 PC0/I2C1_SDA I/O FT(6) X -X T(7) Port C0 I2C1 data 66 54 38 A1 PC1/I2C1_SCL I/O FT(6) X -X T(7) Port C1 I2C1 clock 69 57 41 B2 PC2/USART1_RX/ LCD_SEG22/ADC1_IN6/ [COMP1_INP] /VREFINT I/O FT(6) X XX HS X X Port C2 USART1 receive / LCD segment 22 / ADC1_IN6/ [Comparator 1 positive input] /Internal reference voltage output -- 42 A2 PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5 I/O FT(6) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |