Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151x8 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM8L151x8
Description  Operating conditions
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 24Page - STMicroelectronics STM8L151x8 Datasheet HTML 25Page - STMicroelectronics STM8L151x8 Datasheet HTML 26Page - STMicroelectronics STM8L151x8 Datasheet HTML 27Page - STMicroelectronics STM8L151x8 Datasheet HTML 28Page - STMicroelectronics STM8L151x8 Datasheet HTML 29Page - STMicroelectronics STM8L151x8 Datasheet HTML 30Page - STMicroelectronics STM8L151x8 Datasheet HTML 31Page - STMicroelectronics STM8L151x8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
Pin description
STM8L151x6/8 STM8L152x6/8
28/146
DocID17943 Rev 10
Figure 9. STM8L152K8 32-ball ballout
Warning:
For the 32-pin STM8L152K8 devices, some active I/O pins are
not bonded out of the package. Effectively, all ports available
on 48-pin devices must be considered as active ports also for
32-pin devices - see Table 5: High-density and medium+
density STM8L15x pin description for more details. To avoid
spurious effects, users have to configure active ports as
input pull-up. A small increase in consumption (typ. <
300 µA) may occur during the power up and reset phase until
these ports are properly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More