| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151x6 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x6 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 142 page ![]() DocID15962 Rev 15 33/142 STM8L151x4/6, STM8L152x4/6 Pinout and pin description 58 44 30 26 A3 PC5/OSC32_IN /[SPI1_NSS](4)/ [USART1_TX](4) I/O X XX HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] 45 31 27 B3 PC6/OSC32_OUT/ [SPI1_SCK](4)/ [USART1_RX](4) I/O X XX HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] 46 - - - PC7/LCD_SEG25(2)/ ADC1_IN3/COMP2_INM/ COMP1_INP I/O TT (3) X XX HS X X Port C7 LCD segment 25 /ADC1_IN3/ Comparator negative input / Comparator 1 positive input 20 - 8 G3 PD0/TIM3_CH2/ [ADC1_TRIG](4)/ LCD_SEG7(2)/ADC1_IN2 2/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / LCD segment 7 / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input -9 - - PD0/TIM3_CH2/ [ADC1_TRIG](4)/ ADC1_IN22/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port D0(8) Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input 21 - - - PD1/TIM3_ETR/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port D1 Timer 3 - external trigger / LCD_COM3 / ADC1_IN21 / comparator 2 positive input / Comparator 1 positive input -10 - - PD1/TIM1_CH3N/[TIM3_ ETR](4)/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port D1 [Timer 3 - external trigger]/ TIM1 inverted channel 3 / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued) Pin number Pin name Input Output Default alternate function |