Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151x6 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce STM8L151x6
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x6 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button STM8L151x6 Datasheet HTML 92Page - STMicroelectronics STM8L151x6 Datasheet HTML 93Page - STMicroelectronics STM8L151x6 Datasheet HTML 94Page - STMicroelectronics STM8L151x6 Datasheet HTML 95Page - STMicroelectronics STM8L151x6 Datasheet HTML 96Page - STMicroelectronics STM8L151x6 Datasheet HTML 97Page - STMicroelectronics STM8L151x6 Datasheet HTML 98Page - STMicroelectronics STM8L151x6 Datasheet HTML 99Page - STMicroelectronics STM8L151x6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
Electrical parameters
STM8L151x4/6, STM8L152x4/6
96/142
DocID15962 Rev 15
Figure 32. Typical NRST pull-up current Ipu vs VDD
The reset network shown in Figure 33 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL(NRST) max. level specified
in Table 42. Otherwise the reset is not taken into account internally.
For power consumption sensitive applications, the external reset capacitor value can be
reduced to limit the charge/discharge current. If the NRST signal is used to reset the
external circuitry, attention must be paid to the charge/discharge time of the external
capacitor to fulfill the external devices reset timing conditions. The minimum recommended
capacity is 10 nF.
Figure 33. Recommended NRST pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More