| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L152C4 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 142 page ![]() DocID15962 Rev 15 35/142 STM8L151x4/6, STM8L152x4/6 Pinout and pin description 58 36 24 - - PD7/TIM1_CH1N /LCD_SEG21(2)/ ADC1_IN7/RTC_ALARM/ VREFINT/ COMP1_INP I/O TT (3) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm / Internal voltage reference output /Comparator 1 positive input 14 - - - PE0(5)/LCD_SEG1(2) I/O FT X XX HS X X Port E0 LCD segment 1 15 - - - PE1/TIM1_CH2N /LCD_SEG2(2) I/O TT (3) X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 16 - - - PE2/TIM1_CH3N /LCD_SEG3(2) I/O TT (3) X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 17 - - - PE3/LCD_SEG4(2) I/O TT (3) X XX HS X X Port E3 LCD segment 4 18 - - - PE4/LCD_SEG5(2) I/O TT (3) X XX HS X X Port E4 LCD segment 5 19 - - - PE5/LCD_SEG6(2)/ ADC1_IN23/COMP2_INP/ COMP1_INP I/O TT (3) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23 / Comparator 2 positive input / Comparator 1 positive input 47 - - - PE6/LCD_SEG26(2)/ PVD_IN I/O TT (3) X XX HS X X Port E6 LCD segment 26/PVD_IN 48 - - - PE7/LCD_SEG27(2) I/O TT (3) X XX HS X X Port E7 LCD segment 27 32 - - - PF0/ADC1_IN24/ DAC_OUT I/O TT (3) X XX HS X X Port F0 ADC1_IN24 / DAC_OUT 13 9 - - VLCD(2) S- - -- - - - LCD booster external capacitor 13 - - - Reserved(8) -- - -- - - - Reserved. Must be tied to VDD 10 - - - VDD S- - - - - - - Digital power supply 11 - - - VDDA S- - - - - - - Analog supply voltage 12 - - - VREF+ S- - -- - - - ADC1 and DAC positive voltage reference Table 5. Medium-density STM8L151x4/6, STM8L152x4/6 pin description (continued) Pin number Pin name Input Output Default alternate function |