Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151X4 Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce STM8L151X4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X4 Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button STM8L151X4 Datasheet HTML 119Page - STMicroelectronics STM8L151X4 Datasheet HTML 120Page - STMicroelectronics STM8L151X4 Datasheet HTML 121Page - STMicroelectronics STM8L151X4 Datasheet HTML 122Page - STMicroelectronics STM8L151X4 Datasheet HTML 123Page - STMicroelectronics STM8L151X4 Datasheet HTML 124Page - STMicroelectronics STM8L151X4 Datasheet HTML 125Page - STMicroelectronics STM8L151X4 Datasheet HTML 126Page - STMicroelectronics STM8L151X4 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
DocID15962 Rev 15
123/142
STM8L151x4/6, STM8L152x4/6
Package information
136
10.4
LQFP32 package information
Figure 49. LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More