Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72321R7-Auto Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce ST72321R7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7-Auto Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button ST72321R7-Auto Datasheet HTML 44Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 45Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 46Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 47Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 48Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 49Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 50Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 51Page - STMicroelectronics ST72321R7-Auto Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 243 page
background image
Supply, reset and clock management
ST72321xx-Auto
48/243
Doc ID 13829 Rev 1
Application notes
The LVDRF flag is not cleared when another RESET type occurs (external or watchdog); the
LVDRF flag remains set to keep trace of the original failure.
In this case, software can detect a watchdog reset but cannot detect an external reset.
Caution:
When the LVD is not activated with the associated option byte, the WDGRF flag cannot be
used in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More