Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296TR Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 15Page - STMicroelectronics ST10F296TR Datasheet HTML 16Page - STMicroelectronics ST10F296TR Datasheet HTML 17Page - STMicroelectronics ST10F296TR Datasheet HTML 18Page - STMicroelectronics ST10F296TR Datasheet HTML 19Page - STMicroelectronics ST10F296TR Datasheet HTML 20Page - STMicroelectronics ST10F296TR Datasheet HTML 21Page - STMicroelectronics ST10F296TR Datasheet HTML 22Page - STMicroelectronics ST10F296TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Description
19/346
Figure 1.
Logic diagram
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA/VSTBY
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
VDD VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
V18
XPort 9
16-bit
XPort 10
16-bit
XADCINJ
XPOUT
3-bit
RPD
ST10F296E
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More