Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296TR Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 92Page - STMicroelectronics ST10F296TR Datasheet HTML 93Page - STMicroelectronics ST10F296TR Datasheet HTML 94Page - STMicroelectronics ST10F296TR Datasheet HTML 95Page - STMicroelectronics ST10F296TR Datasheet HTML 96Page - STMicroelectronics ST10F296TR Datasheet HTML 97Page - STMicroelectronics ST10F296TR Datasheet HTML 98Page - STMicroelectronics ST10F296TR Datasheet HTML 99Page - STMicroelectronics ST10F296TR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Central processing unit (CPU)
ST10F296E
96/346
7.3
MAC coprocessor specific instructions
Table 46 lists the MAC instructions of the ST10F296E. A detailed description of each
instruction can be found in the ST10 family programming manual (PM0036). Note that all
MAC instructions are encoded on four bytes.
Table 46.
MAC instruction set summary
Mnemonic
Description
CoABS
Absolute value of the accumulator
CoADD(2)
Addition
CoASHR(rnd)
Accumulator arithmetic shift right and optional round
CoCMP
Compare accumulator with operands
CoLOAD(-,2)
Load accumulator with operands
CoMAC(R,u,s,-,rnd)
(Un)signed/(un)signed multiply-accumulate and optional round
CoMACM(R)(u,s,-,rnd)
(Un)signed/(un)signed multiply-accumulate with parallel data move
and optional round
CoMAX/CoMIN
Maximum/minimum of operands and accumulator
CoMOV
Memory to memory move
CoMUL(u,s,-,rnd)
(Un)signed/(un)signed multiply and optional round
CoNEG(rnd)
Negate accumulator and optional round
CoNOP
No-operation
CoRND
Round accumulator
CoSHL/CoSHR
Accumulator logical shift left/right
CoSTORE
Store a MAC unit register
CoSUB(2,R)
Substraction
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More