Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296TR Fiches technique(PDF) 166 Page - STMicroelectronics

No de pièce ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Fiches technique(HTML) 166 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 162Page - STMicroelectronics ST10F296TR Datasheet HTML 163Page - STMicroelectronics ST10F296TR Datasheet HTML 164Page - STMicroelectronics ST10F296TR Datasheet HTML 165Page - STMicroelectronics ST10F296TR Datasheet HTML 166Page - STMicroelectronics ST10F296TR Datasheet HTML 167Page - STMicroelectronics ST10F296TR Datasheet HTML 168Page - STMicroelectronics ST10F296TR Datasheet HTML 169Page - STMicroelectronics ST10F296TR Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
166/346
Figure 57.
Block diagram of P8 pins 5 to 0
P8.y
Open-drain
latch
Write ODP8.y
Read ODP8.y
Direction
latch
Write DP8.y
Read DP8.y
Port output
latch
Write P8.y
Read P8.y
MUX
1
0
Output
buffer
Input
latch
Clock
CCzIO
data input
(y = 5 to 0)
MUX
1
0
≥ 1
CCzIO
data output
Compare trigger
(z = 21 to 16)
CCzIO
latch data input
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More