| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F296TR Fiches technique(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR Fiches technique(HTML) 124 Page - STMicroelectronics |
|
124 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Parallel ports ST10F296E 124/346 XPICON10 register Figure 30. Output drivers in push-pull mode and in open-drain mode Figure 31. Hysteresis concept XPICON10 (EBD8h) XBus Reset value: 0000h 15 14 13 12 11 10 9876 5432 10 XP1 0IN .15 XP1 0IN .14 XP1 0IN .13 XP1 0IN .12 XP1 0IN .11 XP1 0IN .10 XP1 0IN .9 XP1 0IN .8 XP1 0IN .7 XP1 0IN .6 XP1 0IN .5 XP1 0IN .4 XP1 0IN .3 XP1 0IN .2 XP1 0IN .1 XP1 0IN .0 RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW Table 66. XPICON10 register description Bit Bit name Function 15-0 XP10IN.y Port 10 bit y input level selection 0: Port line XP10.y switches on standard TTL input levels 1: Port line XP10.y switches on standard CMOS input levels Pin Q Push-pull output driver Q Open-drain output driver External pull-up Pin Input level Bit state Hysteresis Obsolete Product(s) - Obsolete Product(s) |