Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296E Fiches technique(PDF) 204 Page - STMicroelectronics

No de pièce ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Fiches technique(HTML) 204 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 200Page - STMicroelectronics ST10F296E Datasheet HTML 201Page - STMicroelectronics ST10F296E Datasheet HTML 202Page - STMicroelectronics ST10F296E Datasheet HTML 203Page - STMicroelectronics ST10F296E Datasheet HTML 204Page - STMicroelectronics ST10F296E Datasheet HTML 205Page - STMicroelectronics ST10F296E Datasheet HTML 206Page - STMicroelectronics ST10F296E Datasheet HTML 207Page - STMicroelectronics ST10F296E Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Real-time clock (RTC)
ST10F296E
204/346
Figure 71.
ESFRs and port pins associated with the RTC
Figure 72.
RTC block diagram
--
--
-
-
- - YYYY - - - -
EXISEL register
EXISEL, external interrupt source selection register, (Port 2)
One second timed interrupt request (RTCSI) triggers firq[2] and alarm interrupt request (RTCAI) triggers firq[3]
RTC data and control registers are implemented onto the XBus.
--
--
-
-
- - YYYY YYYY
CCxIC register
/64
RTCPL
RTCPH
RTCDH
RTCDL
RTCAH
RTCAL
Main
Reload
=
Programmable 20-bit divider
32-bit counter
RTCCON
Alarm IT
Basic clock IT
RTCAI
RTCSI
OSC_STOP
clock oscillator
Programmable alarm register
Programmable prescaler register
RTCH
RTCL
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More