Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F296E Fiches technique(PDF) 178 Page - STMicroelectronics

No de pièce ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Fiches technique(HTML) 178 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 174Page - STMicroelectronics ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics ST10F296E Datasheet HTML 180Page - STMicroelectronics ST10F296E Datasheet HTML 181Page - STMicroelectronics ST10F296E Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Analog-to-digital converter (ADC)
ST10F296E
178/346
Figure 62.
ADC block diagram
AN24
XP10.8
ADCIR
ADEIR
8
Analog
input
channels
:
:
:
:
AN16
XP10.0
AN23
XP10.7
S + H
10-bit
converter
Conversion
control
ADCON
Result reg. ADDAT
Result reg. ADDAT2
Interrupt
requests
VAREF
VAGND
ADCMUX
8
Analog
input
channels
:
:
:
:
AN0
P5.0
AN7
P5.7
8
Analog
input
channels
AN8
P5.8
AN15
P5.15
MUX
32-16
MUX
16-1
0
1
8
Analog
input
channels
AN31
XP10.15
:
:
:
:
:
:
:
:
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More