Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2-Auto Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 38Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 39Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 40Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 41Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 42Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 43Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 44Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 45Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto,
42/371
6
Supply, reset and clock management
6.1
Introduction
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. An overview is shown in Figure 9.
For more details, refer to dedicated parametric section.
6.2
Main features
●
Reset sequence manager (RSM)
●
1 crystal/ceramic resonator oscillator
●
System integrity management (SI)
–
Main supply low voltage detection (LVD)
–
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply
–
Clock security system (CSS) with the VCO of the PLL, providing a backup safe
oscillator
–
Clock detector
–
PLL which can be used to multiply the frequency by 2 if the clock frequency input
is 8MHz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More