| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC1K2-Auto Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Interrupts 67/371 Figure 20. External interrupt control bits IS20 IS21 PAOR.7 PADDR.7 PA7 Port A3, port A[7:5] interrupts PA7 PA6 PA5 PA3 IS10 IS11 PCOR.0 PCDDR.0 PC0 Port C0, port B[7:6] interrupts PC0 PB7 PB6 IS30 IS31 EICR PDOR.6 PDDDR.6 PD6 Port D [6:4] interrupts PD6 PD5 PD4 IS30 IS31 EICR PDOR.3 PDDDR.3 PD3 Port D [3:1] interrupts PD3 PD2 PD1 IS10 IS11 EICR PCOR.3 PCDDR.3 PC3 Port C [3:1] interrupts PC3 PC2 PC1 Sensitivity control ei0 interrupt source ei0 interrupt source ei1 interrupt source IPA bit Sensitivity control EICR Sensitivity control Sensitivity control ei2 interrupt source IPA bit EICR Sensitivity control ei2 interrupt source Obsolete Product(s) - Obsolete Product(s) |