| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC1K2 Fiches technique(PDF) 311 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2 Fiches technique(HTML) 311 Page - STMicroelectronics |
|
311 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Instruction set 311/371 JRUGT Jump if (C + Z = 0) Unsigned > JRULE Jump if (C + Z = 1) Unsigned <= LD Load dst <= src reg, M M, reg N Z MUL Multiply X,A = X * A A, X, Y X, Y, A 0 0 NEG Negate (2's compl) neg $10 reg, M N Z C NOP No operation OR OR operation A = A + M A M N Z Pop Pop from the stack pop reg reg M pop CC CC M I1 H I0 N Z C Push Push onto the stack Push Y M reg, CC RCF Reset carry flag C = 0 0 RET Subroutine return RIM Enable interrupts I1:0 = 10 (level 0) 1 0 RLC Rotate left true C C <= A <= C reg, M N Z C RRC Rotate right true C C => A => C reg, M N Z C RSP Reset stack pointer S = Max allowed SBC Substract with carry A = A - M - C A M N Z C SCF Set carry flag C = 1 1 SIM Disable interrupts I1:0 = 11 (level 3) 1 1 SLA Shift left arithmetic C <= A <= 0 reg, M N Z C SLL Shift left logic C <= A <= 0 reg, M N Z C SRL Shift right logic 0 => A => C reg, M 0 Z C SRA Shift right arithmetic A7 => A => C reg, M N Z C SUB Substraction A = A - M A M N Z C SWAP SWAP nibbles A7-A4 <=> A3-A0 reg, M N Z TNZ Test for neg and zero tnz lbl1 N Z TRAP S/W trap S/W interrupt 1 1 WFI Wait for interrupt 1 0 XOR Exclusive OR A = A XOR M A M N Z Table 185. Instruction set overview (continued) Mnemo Description Function/example Dst Src I1 H I0 N Z C Obsolete Product(s) - Obsolete Product(s) |