Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2 Fiches technique(PDF) 307 Page - STMicroelectronics

No de pièce ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Fiches technique(HTML) 307 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 303Page - STMicroelectronics ST7MC1K2 Datasheet HTML 304Page - STMicroelectronics ST7MC1K2 Datasheet HTML 305Page - STMicroelectronics ST7MC1K2 Datasheet HTML 306Page - STMicroelectronics ST7MC1K2 Datasheet HTML 307Page - STMicroelectronics ST7MC1K2 Datasheet HTML 308Page - STMicroelectronics ST7MC1K2 Datasheet HTML 309Page - STMicroelectronics ST7MC1K2 Datasheet HTML 310Page - STMicroelectronics ST7MC1K2 Datasheet HTML 311Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Instruction set
307/371
11.1.7
Relative mode (direct, indirect)
This addressing mode is used to modify the PC register value, by adding an 8-bit signed
offset to it.
The relative addressing mode consists of two sub-modes:
●
Relative (direct)
The offset is following the opcode.
●
Relative (indirect)
The offset is defined in memory, the address of which follows the opcode.
Table 182.
Short instructions and functions
Short instructions only
Function
CLR
Clear
INC, DEC
Increment/decrement
TNZ
Test negative or zero
CPL, NEG
1 or 2 complement
BSET, BRES
Bit operations
BTJT, BTJF
Bit test and jump operations
SLL, SRL, SRA, RLC, RRC
Shift and rotate operations
SWAP
Swap nibbles
CALL, JP
Call or jump subroutine
Table 183.
Relative direct and indirect instructions
Available relative direct/indirect instructions
Function
JRxx
Conditional jump
CALLR
Call relative
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More