Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2 Fiches technique(PDF) 308 Page - STMicroelectronics

No de pièce ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Fiches technique(HTML) 308 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 304Page - STMicroelectronics ST7MC1K2 Datasheet HTML 305Page - STMicroelectronics ST7MC1K2 Datasheet HTML 306Page - STMicroelectronics ST7MC1K2 Datasheet HTML 307Page - STMicroelectronics ST7MC1K2 Datasheet HTML 308Page - STMicroelectronics ST7MC1K2 Datasheet HTML 309Page - STMicroelectronics ST7MC1K2 Datasheet HTML 310Page - STMicroelectronics ST7MC1K2 Datasheet HTML 311Page - STMicroelectronics ST7MC1K2 Datasheet HTML 312Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Instruction set
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
308/371
11.2
Instruction groups
11.2.1
Introduction
The ST7 family devices use an instruction set consisting of 63 instructions. The instructions
may be subdivided into 13 main groups as illustrated in the following table:
Using a prebyte
The instructions are described with one to four opcodes.
In order to extend the number of available opcodes for an 8-bit CPU (256 opcodes), three
different prebyte opcodes are defined. These prebytes modify the meaning of the instruction
they precede.
The whole instruction becomes:
Table 184.
Instruction groups
Group
Instructions
Load and transfer
LD
CLR
Stack operation
Push
Pop
RSP
Increment/decrement
INC
DEC
Compare and tests
CP
TNZ
BCP
Logical operations
AND
OR
XOR
CPL
NEG
Bit operation
BSET
BRES
Conditional bit test and branch
BTJT
BTJF
Arithmetic operations
ADC
ADD
SUB
SBC
MUL
Shift and rotates
SLL
SRL
SRA
RLC
RRC
SWAP
SLA
Unconditional jump or call
JRA
JRT
JRF
JP
CALL
CALLR
NOP
RET
Conditional branch
JRxx
Interruption management
TRAP
WFI
HALT
IRET
Condition code flag modification
SIM
RIM
SCF
RCF
PC-2
End of previous instruction
PC-1
Prebyte
PC
opcode
PC+1
Additional word (0 to 2) according to the number of bytes required to
compute the effective address
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More