Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRK2001ATR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce SRK2001ATR
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001ATR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button SRK2001ATR Datasheet HTML 12Page - STMicroelectronics SRK2001ATR Datasheet HTML 13Page - STMicroelectronics SRK2001ATR Datasheet HTML 14Page - STMicroelectronics SRK2001ATR Datasheet HTML 15Page - STMicroelectronics SRK2001ATR Datasheet HTML 16Page - STMicroelectronics SRK2001ATR Datasheet HTML 17Page - STMicroelectronics SRK2001ATR Datasheet HTML 18Page - STMicroelectronics SRK2001ATR Datasheet HTML 19Page - STMicroelectronics SRK2001ATR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DocID029495 Rev 1
17/20
SRK2001A
Package information
20
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
8.1
SSOP10 package information
Figure 10. SSOP10 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20