| Moteur de recherche de fiches techniques de composants électroniques |
|
SRC0 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRC0 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 48 page ![]() Description SRC0 6/48 DocID026008 Rev 2 Figure 2. Basic functionality (option with enable deassertion after long push) 1. For power-up the battery voltage has to be above VTH+ threshold. Figure 3. Basic functionality (option with RST assertion after long push) 1. For power-up the battery voltage has to be above VTH+ threshold. Figure 4. Logic diagram PB SR POWER-UP (1) INTERRUPT (short push) POWER-DOWN (long push) EN INT interrupt interrupt AM00243v1 PB POWER-UP (1) INTERRUPT (short push) POWER-DOWN (long push) SR INT interrupt interrupt RST AM00243bv1 AM00236v2 SRC0 RST GND CSRD INT PS HOLD VCC PB OUT VCC LO VREF EN (EN) SR PB |