| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC560D30X Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 90 page ![]() SPC560D30x, SPC56040Dx Electrical characteristics Doc ID 16315 Rev 7 33/90 4.6 Thermal characteristics 4.6.1 Package thermal characteristics 4.6.2 Power considerations The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using Equation 1: Table 14. LQFP thermal characteristics(1) Symbol C Parameter Conditions(2) Value Unit RJA CC D Thermal resistance, junction-to-ambient natural convection(3) Single-layer board —1s LQFP64 72.1 °C/W LQFP100 65.2 Four-layer board — 2s2p LQFP64 57.3 LQFP100 51.8 RJB CC D Thermal resistance, junction-to-board (4) Four-layer board — 2s2p LQFP64 44.1 °C/W LQFP100 41.3 RJC CC D Thermal resistance, junction-to-case (5) Single-layer board — 1s LQFP64 26.5 °C/W LQFP100 23.9 Four-layer board — 2s2p LQFP64 26.2 LQFP100 23.7 JB CC D Junction-to-board thermal characterization parameter, natural convection Single-layer board — 1s LQFP64 41 °C/W LQFP100 41.6 Four-layer board — 2s2p LQFP64 43 LQFP100 43.4 JC CC D Junction-to-case thermal characterization parameter, natural convection Single-layer board — 1s LQFP64 11.5 °C/W LQFP100 10.4 Four-layer board — 2s2p LQFP64 11.1 LQFP100 10.2 1. Thermal characteristics are targets based on simulation that are subject to change per device characterization. 2. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C 3. Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-7. Thermal test board meets JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA. 4. Junction-to-board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for the specified package. When Greek letters are not available, the symbols are typed as RthJB. 5. Junction-to-case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer. When Greek letters are not available, the symbols are typed as RthJC. |