| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC560D30X Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30X Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 90 page ![]() SPC560D30x, SPC56040Dx Electrical characteristics Doc ID 16315 Rev 7 31/90 4.5 Recommended operating conditions Table 12. Recommended operating conditions (3.3 V) Symbol C Parameter Conditions Value Unit Min Max VSS SR — Digital ground on VSS_HV pins — 0 0 V VDD (1) SR — Voltage on VDD_HV pins with respect to ground (VSS) —3.0 3.6 V VSS_LV (2) SR — Voltage on VSS_LV (low voltage digital supply) pins with respect to ground (VSS) —VSS 0.1 VSS +0.1 V VDD_BV (3) SR — Voltage on VDD_BV pin (regulator supply) with respect to ground (VSS) —3.0 3.6 V Relative to VDD VDD 0.1 VDD +0.1 VSS_ADC SR — Voltage on VSS_HV_ADC (ADC reference) pin with respect to ground (VSS) —VSS 0.1 VSS +0.1 V VDD_ADC (4) SR — Voltage on VDD_HV_ADC pin (ADC reference) with respect to ground (VSS) —3.0(5) 3.6 V Relative to VDD VDD 0.1 VDD +0.1 VIN SR — Voltage on any GPIO pin with respect to ground (VSS) —VSS 0.1 — V Relative to VDD —VDD +0.1 IINJPAD SR — Injected input current on any pin during overload condition — 55 mA IINJSUM SR — Absolute sum of all injected input currents during overload condition — 50 50 mA TVDD SR — VDD slope to ensure correct power up (6) —3.0(7) 250 x 103 (0.25 [V/µs]) V/s 1. 100 nF capacitance needs to be provided between each VDD/VSS pair. 2. 330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair. 3. 470 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed depending on external regulator characteristics). 4. 100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair. 5. Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL, device is reset. 6. Guaranteed by device validation 7. Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH) Table 13. Recommended operating conditions (5.0 V) Symbol C Parameter Conditions Value Unit Min Max VSS SR — Digital ground on VSS_HV pins — 0 0 V VDD (1) SR — Voltage on VDD_HV pins with respect to ground (VSS) —4.5 5.5 V Voltage drop(2) 3.0 5.5 |