Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B50x Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 23Page - STMicroelectronics SPC560B50x Datasheet HTML 24Page - STMicroelectronics SPC560B50x Datasheet HTML 25Page - STMicroelectronics SPC560B50x Datasheet HTML 26Page - STMicroelectronics SPC560B50x Datasheet HTML 27Page - STMicroelectronics SPC560B50x Datasheet HTML 28Page - STMicroelectronics SPC560B50x Datasheet HTML 29Page - STMicroelectronics SPC560B50x Datasheet HTML 30Page - STMicroelectronics SPC560B50x Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
DocID14619 Rev 13
27/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
PC[8]
PCR[40]
AF0
AF1
AF2
AF3
GPIO[40]
LIN2TX
—
—
SIUL
LINFlex_2
—
—
I/O
O
—
—
S
Tristate
63
99
143
A1
PC[9]
PCR[41]
AF0
AF1
AF2
AF3
—
—
GPIO[41]
—
—
—
LIN2RX
WKPU[13](4)
SIUL
—
—
—
LINFlex_2
WKPU
I/O
—
—
—
I
I
S
Tristate
222
B1
PC[10]
PCR[42]
AF0
AF1
AF2
AF3
GPIO[42]
CAN1TX
CAN4TX(11)
MA[1]
SIUL
FlexCAN_1
FlexCAN_4
ADC
I/O
O
O
O
M
Tristate
132228
M3
PC[11]
PCR[43]
AF0
AF1
AF2
AF3
—
—
—
GPIO[43]
—
—
—
CAN1RX
CAN4RX(11)
WKPU[5](4)
SIUL
—
—
—
FlexCAN_1
FlexCAN_4
WKPU
I/O
—
—
—
I
I
I
S
Tristate
—
21
27
M4
PC[12]
PCR[44]
AF0
AF1
AF2
AF3
—
GPIO[44]
E0UC[12]
—
—
SIN_2
SIUL
eMIOS_0
—
—
DSPI_2
I/O
I/O
—
—
I
M
Tristate
—
97
141
B4
PC[13]
PCR[45]
AF0
AF1
AF2
AF3
GPIO[45]
E0UC[13]
SOUT_2
—
SIUL
eMIOS_0
DSPI_2
—
I/O
I/O
O
—
S
Tristate
—
98
142
A2
PC[14]
PCR[46]
AF0
AF1
AF2
AF3
—
GPIO[46]
E0UC[14]
SCK_2
—
EIRQ[8]
SIUL
eMIOS_0
DSPI_2
—
SIUL
I/O
I/O
I/O
—
I
STristate
—
3
3
C1
Table 6. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More