| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC560B50x Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560B50x Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 116 page ![]() DocID14619 Rev 13 15/116 SPC560B40x/50x, SPC560C40x/50x Package pinouts and signal descriptions 115 3 Package pinouts and signal descriptions 3.1 Package pinouts The available LQFP pinouts and the LBGA208 ballmap are provided in the following figures. For pin signal descriptions, please refer to the device reference manual (RM0017). Figure 2. LQFP 64-pin configuration(a) a. All LQFP64 information is indicative and must be confirmed during silicon validation. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 PB[3] PC[9] PA[2] PA[1] PA[0] VSS_HV VDD_HV VSS_HV RESET VSS_LV VDD_LV VDD_BV PC[10] PB[0] PB[1] PC[6] PA[11] PA[10] PA[9] PA[8] PA[7] PA[3] PB[15] PB[14] PB[13] PB[12] PB[11] PB[7] PB[6] PB[5] VDD_HV_ADC VSS_HV_ADC LQFP64 Top view |