| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564L54x Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 165 page ![]() Package pinouts and signal descriptions SPC56ELx, SPC564Lx 42/165 DocID15457 Rev 12 76 B[0] SIUL GPIO[16] GPIO[16] FlexCAN_0 TXD — eTimer_1 ETC[2] ETC[2] SSCM DEBUG[0] — SIUL — EIRQ[15] 77 B[1] SIUL GPIO[17] GPIO[17] eTimer_1 ETC[3] ETC[3] SSCM DEBUG[1] — FlexCAN_0 — RXD FlexCAN_1 — RXD SIUL — EIRQ[16] 78 C[10] SIUL GPIO[42] GPIO[42] DSPI_2 CS2 — FlexPWM_0 A[3] A[3] FlexPWM_0 — FAULT[1] 79 B[2] SIUL GPIO[18] GPIO[18] LINFlexD_0 TXD — SSCM DEBUG[2] DEBUG[2] SIUL — EIRQ[17] 80 B[3] SIUL GPIO[19] GPIO[19] SSCM DEBUG[3] DEBUG[3] LINFlexD_0 — RXD 81 A[10] SIUL GPIO[10] GPIO[10] DSPI_2 CS0 CS0 FlexPWM_0 B[0] B[0] FlexPWM_0 X[2] X[2] SIUL — EIRQ[9] 82 A[11] SIUL GPIO[11] GPIO[11] DSPI_2 SCK SCK FlexPWM_0 A[0] A[0] FlexPWM_0 A[2] A[2] SIUL — EIRQ[10] Table 3. LQFP100 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |