| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564L54x Fiches technique(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x Fiches technique(HTML) 142 Page - STMicroelectronics |
|
142 / 165 page ![]() Electrical characteristics SPC56ELx, SPC564Lx 142/165 DocID15457 Rev 12 Figure 31. External interrupt timing 3.21.6 DSPI timing IRQ 1 2 3 Table 41. DSPI timing No. Symbol Parameter Conditions Min Max Unit 1tSCK D DSPI cycle time Master (MTFE = 0) 62 — ns D Slave (MTFE = 0) 62 — D Slave Receive Only Mode(1) 16 — 2tCSC D PCS to SCK delay — 16 — ns 3tASC D After SCK delay — 16 — ns 4tSDC D SCK duty cycle — tSCK/2 - 10 tSCK/2 + 10 ns 5tA D Slave access time SS active to SOUT valid — 40 ns 6tDIS D Slave SOUT disable time SS inactive to SOUT High-Z or invalid — 10 ns 7tPCSC D PCSx to PCSS time — 13 — ns 8tPASC DPCSS to PCSx time — 13 — ns 9tSUI D Data setup time for inputs Master (MTFE = 0) 20 — ns Slave 2— Master (MTFE = 1, CPHA = 0) 5— Master (MTFE = 1, CPHA = 1) 20 — 10 tHI D Data hold time for inputs Master (MTFE = 0) –5 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 11 — Master (MTFE = 1, CPHA = 1) –5 — 11 tSUO D Data valid (after SCK edge) Master (MTFE = 0) — 4 ns Slave — 23 Master (MTFE = 1, CPHA = 0) — 12 Master (MTFE = 1, CPHA = 1) — 4 |