Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1S15 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce ST1S15
Description  Short-circuit and thermal protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button ST1S15 Datasheet HTML 14Page - STMicroelectronics ST1S15 Datasheet HTML 15Page - STMicroelectronics ST1S15 Datasheet HTML 16Page - STMicroelectronics ST1S15 Datasheet HTML 17Page - STMicroelectronics ST1S15 Datasheet HTML 18Page - STMicroelectronics ST1S15 Datasheet HTML 19Page - STMicroelectronics ST1S15 Datasheet HTML 20Page - STMicroelectronics ST1S15 Datasheet HTML 21Page - STMicroelectronics ST1S15 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
ST1S15
18/27
DocID023280 Rev 4
8.3
Layout guidelines
Due to the high switching frequency and peak current, the layout is an important design
step for all switching power supplies. If the layout is not fulfilled carefully, important
parameters such as: stability, efficiency, line and load regulation and output voltage ripple
may be compromised. Short, wide traces must be implemented for main current and for
power ground paths. The input capacitor must be placed as close as possible to the device
pin as well as the inductor and output capacitor. The feedback pin (FB) is a high
impedance node, so the interference can be minimized by placing the routing of the
feedback node as far as possible from the high current paths. A common ground node
minimizes ground noise.
Figure 22: Flip Chip layout recommended (not in scale)
VIN
MODE
GND
L
CIN
COUT
V
OUT
GIPG1401151337LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27