Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV5404 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 16Page - STMicroelectronics VV5404 Datasheet HTML 17Page - STMicroelectronics VV5404 Datasheet HTML 18Page - STMicroelectronics VV5404 Datasheet HTML 19Page - STMicroelectronics VV5404 Datasheet HTML 20Page - STMicroelectronics VV5404 Datasheet HTML 21Page - STMicroelectronics VV5404 Datasheet HTML 22Page - STMicroelectronics VV5404 Datasheet HTML 23Page - STMicroelectronics VV5404 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Figure 11 : Entering and Exiting Sleep Mode.
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[1]
SL0-SL1
“Enter Sleep Mode” Command.
SL2
At end of current frame, D[3:0] is set to FH.
SL3-SL4
“Exit Sleep Mode” Command. Powers-up analogue circuits and initiates the VM6404 sensor’s 1-frame sleep start-up sequence
SL6-SL7
1 Frame after the “Exit Sleep Mode” command, the sensor starts outputing valid video data.
FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54