Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV5404 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 12Page - STMicroelectronics VV5404 Datasheet HTML 13Page - STMicroelectronics VV5404 Datasheet HTML 14Page - STMicroelectronics VV5404 Datasheet HTML 15Page - STMicroelectronics VV5404 Datasheet HTML 16Page - STMicroelectronics VV5404 Datasheet HTML 17Page - STMicroelectronics VV5404 Datasheet HTML 18Page - STMicroelectronics VV5404 Datasheet HTML 19Page - STMicroelectronics VV5404 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Figure 9 : Resetting the VV6404 Sensor via the Serial Interface.
FH
9H,6H,9H,6H...
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[2]
SR0-SR1
“Soft-Reset” Command. At the end of the command the sensor is reset and enters low-power mode.
SR2
The sensor enters low-power mode.
SR3-SR4
“Exit Low Power Mode” Command. Powers-up analogue circuits and initiates the VM6404 sensor’s 4-frame start-up sequence
SR5-SR6
1 Frame of alternating 9H & 6H data on D[3:0] for the video processor to determine the best sampling phase for the nibble data
(D[3:0]).
SR7-SR8
4 Frames after the “Exit Low-Power mode” command, the sensor starts outputing valid video data.
One frame of 9H & 6H data.
FH
setup0[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54