Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39130S Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Fiches technique(HTML) 4 Page - STMicroelectronics

  LD39130S Datasheet HTML 1Page - STMicroelectronics LD39130S Datasheet HTML 2Page - STMicroelectronics LD39130S Datasheet HTML 3Page - STMicroelectronics LD39130S Datasheet HTML 4Page - STMicroelectronics LD39130S Datasheet HTML 5Page - STMicroelectronics LD39130S Datasheet HTML 6Page - STMicroelectronics LD39130S Datasheet HTML 7Page - STMicroelectronics LD39130S Datasheet HTML 8Page - STMicroelectronics LD39130S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin configuration
LD39130S
4/27
DocID025199 Rev 2
2
Pin configuration
Figure 3. Pin connection (top view)
Table 1. Pin description
Pin n°
Symbol
Function
DFN6
Flip chip
1
GM
Auto green mode selection: low = active, high = disabled
2
B2
GND
Common ground
3
B1
EN
Enable pin logic input: low = shutdown, high = active
4
A1
IN
Input voltage
5ADJ/NC(1)
1.
Not connected in the fixed output voltage version.
Adjust pin
6
A2
OUT
Output voltage
AM13810V1
DFN6
Flip chip 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27