Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39130S Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 19Page - STMicroelectronics LD39130S Datasheet HTML 20Page - STMicroelectronics LD39130S Datasheet HTML 21Page - STMicroelectronics LD39130S Datasheet HTML 22Page - STMicroelectronics LD39130S Datasheet HTML 23Page - STMicroelectronics LD39130S Datasheet HTML 24Page - STMicroelectronics LD39130S Datasheet HTML 25Page - STMicroelectronics LD39130S Datasheet HTML 26Page - STMicroelectronics LD39130S Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package mechanical data
LD39130S
24/27
DocID025199 Rev 2
Figure 50. DFN6 1.2x1.3 mm footprint
Table 8. DFN6 1.2x1.3 mm mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.31
0.38
0.40
A1
0
0.02
0.05
b
0.15
0.18
0.25
c0.05
D1.20
E1.30
e0.40
L
0.475
0.525
0.575
L3
0.375
0.425
0.475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27