Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 16Page - STMicroelectronics VIPER53 Datasheet HTML 17Page - STMicroelectronics VIPER53 Datasheet HTML 18Page - STMicroelectronics VIPER53 Datasheet HTML 19Page - STMicroelectronics VIPER53 Datasheet HTML 20Page - STMicroelectronics VIPER53 Datasheet HTML 21Page - STMicroelectronics VIPER53 Datasheet HTML 22Page - STMicroelectronics VIPER53 Datasheet HTML 23Page - STMicroelectronics VIPER53 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
VIPer53DIP / VIPer53SP
23/24
1
DIP-8 TUBE SHIPMENT (no suffix)
All dimensions are in mm.
Base Q.ty
20
Bulk Q.ty
1000
Tube length (± 0.5)
532
A
8.4
B
11.2
C (± 0.1)
0.8
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24