Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 16Page - STMicroelectronics VIPER53 Datasheet HTML 17Page - STMicroelectronics VIPER53 Datasheet HTML 18Page - STMicroelectronics VIPER53 Datasheet HTML 19Page - STMicroelectronics VIPER53 Datasheet HTML 20Page - STMicroelectronics VIPER53 Datasheet HTML 21Page - STMicroelectronics VIPER53 Datasheet HTML 22Page - STMicroelectronics VIPER53 Datasheet HTML 23Page - STMicroelectronics VIPER53 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
VIPer53DIP / VIPer53SP
20/24
DIM.
mm.
MIN.
TYP
MAX.
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e
2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Package Weight
Gr. 470
P001
Plastic DIP-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24