| Moteur de recherche de fiches techniques de composants électroniques |
|
IPS161H Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS161H Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() Active clamp IPS161H 18/25 DocID029436 Rev 2 7 Active clamp Active clamp is also known as fast demagnetization of inductive loads or fast current decay. When a high-side driver turns off an inductance, an undervoltage is detected on output. The OUT pin is pulled down to Vdemag. The conduction state is modulated by an internal circuitry in order to keep the OUT pin voltage at about Vdemag until the load energy has been dissipated. The energy is dissipated both in IC internal switch and in load resistance. Figure 9: Active clamp equivalent principle schematic Figure 10: Fast demag waveforms I LOAD tDEMAG I OUT V IN t tON V OUT V CC V CC-VDEMAG t t |