Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A5975AD Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 32Page - STMicroelectronics A5975AD Datasheet HTML 33Page - STMicroelectronics A5975AD Datasheet HTML 34Page - STMicroelectronics A5975AD Datasheet HTML 35Page - STMicroelectronics A5975AD Datasheet HTML 36Page - STMicroelectronics A5975AD Datasheet HTML 37Page - STMicroelectronics A5975AD Datasheet HTML 38Page - STMicroelectronics A5975AD Datasheet HTML 39Page - STMicroelectronics A5975AD Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Application information
A5975AD
36/50
Doc ID 018761 Rev 1
Figure 23.
PCB layout (component side)
Figure 24.
PCB layout (bottom side)
Table 9.
Component list
Reference
Part number
Description
Manufacturer
C1
UMK325BJ106MM-T
10 µF, 50 V
Taiyo Yuden
C2
68 nF, 5%, 0603
C3
150 pF, 5%, 0603
C4
22 nF, 5%, 0603
C10
POSCAP 6TVB330ML
330 µF, 25 m
Ω
Sanyo
R1
5.6 k
Ω, 1%, 0.1 W 0603
R2
3.3 k
Ω, 1%, 0.1 W 0603
R3
4.7 k
Ω, 1%, 0.1 W 0603
D1
STPS3L40U
3 A, 40 V
STMicroelectronics
L1
MSS1246T-103ML
10 µH, IRMS 20 °C 2.8 A
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50