Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STT13005FP Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STT13005FP
Description  High voltage capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT13005FP Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STT13005FP Datasheet HTML 2Page - STMicroelectronics STT13005FP Datasheet HTML 3Page - STMicroelectronics STT13005FP Datasheet HTML 4Page - STMicroelectronics STT13005FP Datasheet HTML 5Page - STMicroelectronics STT13005FP Datasheet HTML 6Page - STMicroelectronics STT13005FP Datasheet HTML 7Page - STMicroelectronics STT13005FP Datasheet HTML 8Page - STMicroelectronics STT13005FP Datasheet HTML 9Page - STMicroelectronics STT13005FP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
STT13005FP
8/10
Doc ID 15663 Rev 2
DIM.
mm.
MIN.
TYP
MAX.
A
3.00
3.40
A1
1.80
2.20
b
0.66
0.86
b1
1.17
1.37
c
0.45
0.60
D7.80
8.20
E
10.80
11.20
e2.28
e1
4.46
4.66
L
15.30
15.70
L1
1.30
1.50
P
4.04
4.24
ø1
2.90
3.10
ø2
3.10
3.30
SOT-32FP mechanical data
8120996B
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10