Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV2501INPGF Fiches technique(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Fiches technique(HTML) 64 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 60Page - Texas Instruments TNETV2501INPGF Datasheet HTML 61Page - Texas Instruments TNETV2501INPGF Datasheet HTML 62Page - Texas Instruments TNETV2501INPGF Datasheet HTML 63Page - Texas Instruments TNETV2501INPGF Datasheet HTML 64Page - Texas Instruments TNETV2501INPGF Datasheet HTML 65Page - Texas Instruments TNETV2501INPGF Datasheet HTML 66Page - Texas Instruments TNETV2501INPGF Datasheet HTML 67Page - Texas Instruments TNETV2501INPGF Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 197 page
background image
Functional Overview
64
December 2002 − Revised November 2008
SPRS206K
3.9.3 EMIF Input Clock Selection
The EMIF may be clocked from an external asynchronous clock source through the ECLKIN pin if a specific
EMIF frequency is needed. The source for the EMIF clock can be specified through the EMIFCLKS pin. If
EMIFCLKS is low, then the EMIF will be clocked via the same internal clock that feeds the data bridge module
and performance will be optimal. If EMIFCLKS is high, then an external asynchronous clock, which can be
taken up to 100 MHz, will clock the EMIF. The data throughput performance may be degraded due to
synchronization issues when an external clock source is used for the EMIF.
3.9.4 Changing the Clock Group Frequencies
DSP software can be used to change the clock frequency of each clock group by setting adequate values in
the PLL control registers. Figure 3−14 shows which PLL control registers affect the different portions of the
clock generator. The following sections describe the procedures for changing the frequencies of each clock
group.
Point A
Divider
D0
Point B
PLL Core
Multiplier M1
Divider
D1
Divider
D2
Divider
D3
Divider
OD1
PLLM
PLLDIV0
PLLDIV2
PLLDIV1
CK3SEL
WKEN
OSCDIV1
PLLDIV3
PLLCSR
PLLEN
Point C
Oscillator Power-Down Control
SYSCLK1
SYSCLK2
SYSCLK3
CLKOUT3
OSCOUT
X2/CLKIN
CLKMD0
1
1
0
0
Figure 3−14. Clock Generator Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More