Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV6446AINZWT Fiches technique(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Fiches technique(HTML) 120 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 116Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 117Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 118Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 119Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 120Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 121Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 122Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 123Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-29. DM6446 EDMA3 Channel Synchronization Events (continued)
EDMA3
EVENT NAME
EVENT DESCRIPTION
CHANNEL
8
IMXINT
VICP Interrupt
9
VLCDINT
VICP VLCD Interrupt
10
ASQINT
VICP ASQ Interrupt
11
DSQINT
VICP DSQ Interrupt
12-15
Reserved
16
SPIXEVT
SPI Transmit Event
17
SPIREVT
SPI Receive Event
18
URXEVT0
UART 0 Receive Event
19
UTXEVT0
UART 0 Transmit Event
20
URXEVT1
UART 1 Receive Event
21
UTXEVT1
UART 1 Transmit Event
22
URXEVT2
UART 2 Receive Event
23
UTXEVT2
UART 2 Transmit Event
24
Reserved
25
Reserved
26
MMCRXEVT
MMC Receive Event
27
MMCTXEVT
MMC Transmit Event
28
I2CREVT
I2C Receive Event
29
I2CXEVT
I2C Transmit Event
30-31
Reserved
32
GPINT0
GPIO 0 Interrupt
33
GPINT1
GPIO 1 Interrupt
34
GPINT2
GPIO 2 Interrupt
35
GPINT3
GPIO 3 Interrupt
36
GPINT4
GPIO 4 Interrupt
37
GPINT5
GPIO 5 Interrupt
38
GPINT6
GPIO 6 Interrupt
39
GPINT7
GPIO 7 Interrupt
40
GPBNKINT0
GPIO Bank 0 Interrupt
41
GPBNKINT1
GPIO Bank 1 Interrupt
42
GPBNKINT2
GPIO Bank 2 Interrupt
43
GPBNKINT3
GPIO Bank 3 Interrupt
44
GPBNKINT4
GPIO Bank 4 Interrupt
45-47
Reserved
48
TINT0
Timer 0 Interrupt
49
TINT1
Timer 1 Interrupt
50
TINT2
Timer 2 Interrupt
51
TINT3
Timer 3 Interrupt
52
PWM0
PWM 0 Event
53
PWM1
PWM 1 Event
54
PWM2
PWM 2 Event
55-63
Reserved
120
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More