| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV6446AINZWT Fiches technique(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT Fiches technique(HTML) 50 Page - Texas Instruments |
|
50 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com Table 2-26. HPI Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. EM_D15/ DD15/ E1 HD15 EM_D14/ DD14/ H5 HD14 EM_D13/ DD13/ F2 HD13 EM_D12/ DD12/ D1 HD12 EM_D11/ DD11/ G4 HD11 EM_D10/ DD10/ G5 HD10 EM_D9/ DD9/ E2 HD9 EM_D8/ DD8/ F3 These pins are multiplexed between EMIFA (NAND), ATA/CF, and HPI. HD8 I/O/Z DVDD18 In HPI mode, these are HD[15:0] and are multiplexed internally with the HPI EM_D7/ address lines. DD7/ C1 HD7 EM_D6/ DD6/ F4 HD6 EM_D5/ DD5/ D2 HD5 EM_D4/ DD4/ E4 HD4 EM_D3/ DD3/ E3 HD3 EM_D2/ DD2/ F5 HD2 EM_D1/ DD1/ D3 HD1 EM_D0/ DD0/ E5 HD0 50 Device Overview Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |