| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV6446AINZWT Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com Table 2-10. DDR2 Memory Controller Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. DDR_D[31] U19 DDR_D[30] V19 DDR_D[29] W18 DDR_D[28] V18 DDR_D[27] W17 DDR_D[26] U18 DDR_D[25] U17 DDR_D[24] V17 DDR_D[23] T17 DDR_D[22] V16 DDR_D[21] W16 DDR_D[20] U15 DDR_D[19] V15 DDR_D[18] W15 DDR_D[17] V14 DDR_D[16] W14 I/O/Z DVDDR2 DDR2 data bus can be configured as 32 bits wide or 16 bits wide. DDR_D[15] V7 DDR_D[14] W6 DDR_D[13] V6 DDR_D[12] W5 DDR_D[11] V5 DDR_D[10] U5 DDR_D[9] W4 DDR_D[8] V4 DDR_D[7] W3 DDR_D[6] V3 DDR_D[5] U3 DDR_D[4] W2 DDR_D[3] V2 DDR_D[2] V1 DDR_D[1] U2 DDR_D[0] U1 DDR_VREF T15 I (4) Reference voltage input for the SSTL_18 IO buffers. DDR_VSSDLL T11 GND (4) Ground for the DDR2 Digital Locked Loop. DDR_VDDDLL T10 S (4) Power (1.8 Volts) for the DDR2 Digital Locked Loop. Impedance control for DDR2 outputs. This must be connected via a 200 Ω resistor DDR_ZN T12 O/Z (4) to DVDDR2. Impedance control for DDR2 outputs. This must be connected via a 200 Ω resistor DDR_ZP T13 O/Z (4) to VSS. (4) For more information, see Section 5.2, Recommended Operating Conditions. 36 Device Overview Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |