Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

110N10F7 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce 110N10F7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

110N10F7 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button 110N10F7 Datasheet HTML 7Page - STMicroelectronics 110N10F7 Datasheet HTML 8Page - STMicroelectronics 110N10F7 Datasheet HTML 9Page - STMicroelectronics 110N10F7 Datasheet HTML 10Page - STMicroelectronics 110N10F7 Datasheet HTML 11Page - STMicroelectronics 110N10F7 Datasheet HTML 12Page - STMicroelectronics 110N10F7 Datasheet HTML 13Page - STMicroelectronics 110N10F7 Datasheet HTML 14Page - STMicroelectronics 110N10F7 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID024004 Rev 4
13/15
STL110N10F7
Packaging mechanical data
15
Figure 23. PowerFLAT™ 5x6 reel
Ø21.2
13.00
CORE DETAIL
2.50
1.90
R0.60
128
ØA
R1.10
2.50
4.00
R25.00
PART NO.
W1
W2
18.4 (max)
W3
ESD LOGO
11.9/15.4
12.4 (+2/-0)
A
330 (+0/-4.0)
All dimensions are in millimeters
ØN
178(±2.0)
8234350_Reel_rev_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15