Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBC02BJR Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STBC02BJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02BJR Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STBC02BJR Datasheet HTML 31Page - STMicroelectronics STBC02BJR Datasheet HTML 32Page - STMicroelectronics STBC02BJR Datasheet HTML 33Page - STMicroelectronics STBC02BJR Datasheet HTML 34Page - STMicroelectronics STBC02BJR Datasheet HTML 35Page - STMicroelectronics STBC02BJR Datasheet HTML 36Page - STMicroelectronics STBC02BJR Datasheet HTML 37Page - STMicroelectronics STBC02BJR Datasheet HTML 38Page - STMicroelectronics STBC02BJR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
STBC02
Package information
DocID029261 Rev 2
35/39
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
Flip Chip30 (2.59x2.25 mm) package information
Figure 27: Flip Chip 30 (2.59x2.25 mm) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39