| Moteur de recherche de fiches techniques de composants électroniques |
|
L99MD01 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MD01 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 54 page ![]() Functional description of the SPI L99MD01 28/54 Doc ID 17242 Rev 6 A <Read and Clear Status> operation addressed to an unused RAM address is identical to a <Read Mode> operation (in case of unused RAM address, the second byte is equal to 00H). The returned data byte represents the content of the register to be read. Failures are indicated by activating the corresponding bit of the <Global Status> register. 5.6 Read device information OC0, OC1: operating code (11 for ‘read device information mode). The device information is stored at the ROM In the ROM memory area, the first 8 bits are used. All unused ROM addresses are read as ‘0’. Note: ROM address 3FH is unused. An attempt to access this address is recognized as a communication line error (‘Data-in stuck to VCC’) all internal registers are cleared (software reset). |