Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MD01 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 8Page - STMicroelectronics L99MD01 Datasheet HTML 9Page - STMicroelectronics L99MD01 Datasheet HTML 10Page - STMicroelectronics L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Pin definitions and functions
L99MD01
12/54
Doc ID 17242 Rev 6
Figure 3.
Pin connection (top view- not in scale)
24
CSN
SPI CSN chip select: this input is active low and requires CMOS logic
levels. The serial data transfer between the L99MD01 and micro
controller is enabled by pulling the input CSN to low level.
30
SCK
SPI serial clock input: this input controls the internal shift register of
the SPI and requires CMOS logic levels.
Table 3.
Pin description (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54