Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGP30V60F Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STGP30V60F
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30V60F Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STGP30V60F Datasheet HTML 11Page - STMicroelectronics STGP30V60F Datasheet HTML 12Page - STMicroelectronics STGP30V60F Datasheet HTML 13Page - STMicroelectronics STGP30V60F Datasheet HTML 14Page - STMicroelectronics STGP30V60F Datasheet HTML 15Page - STMicroelectronics STGP30V60F Datasheet HTML 16Page - STMicroelectronics STGP30V60F Datasheet HTML 17Page - STMicroelectronics STGP30V60F Datasheet HTML 18Page - STMicroelectronics STGP30V60F Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DocID025049 Rev 4
15/19
STGB30V60F, STGP30V60F
Package mechanical data
Table 8. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19